Part Number Hot Search : 
UDZS33B 2DF5VSA NTE1451 MRF449 HPL31PT AUIRF7 TY0131A HER10
Product Description
Full Text Search
 

To Download 15KE540A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  plastic package. glass passivated chip junction in do-201 package. 1, 500w surge capability at 10/1000s waveform. excellent clamping capability. low zener impedance. fast response time: typically less than 1.0ps from 0 v olt to bv min. typical i r less than 1a above 10v. high temperature soldering guaranteed: 265  /10 seconds/.375, (9.5mm) lead length, 5lbs., (2.3kg) tension. 0 case: jedec do-201 molded plastic. terminals: axial leads, solderable per mil-std-750, method 2026. polarity: color b and denotes cathode except bipolar. mounting position: any. weight: 0.045 o unce, 1.2 grams. d for bidirectional, use c or ca suffix for type 1.5ke6.8 thr ough type 1.5ke550 (e.g.  1.5ke6.8c, 1.5ke550ca); e lectrical characteristics apply in both directions. m ratings at 25  ambient temperature unless otherwise specified. 2 do-201 peak pulse power dissipation on 10/1000  s waveform . (note 1 fig. 1) p ppm minimum 1 ,500 watts peak pulse current on 10/1000  s waveform. (note 1 fig. 3) i ppm se e table a mps steady state power dissipation at t l =75   lead length .375 (9.5mm). (fig. 5) p m(av) 6.5 watts peak forward surge current  8.3ms single half sine-wave superimposed on rated load . ( jedec method) (note 2, fig. 6) i fsm 200 amps operating junction and storage temperature range . t j ,t stg -55 to +175  f eatures m echanical d ata d evices f or b ipolar a pplication ul e2230 notes: 1. non-repetitive current pulse, per fig. 3 and derated above t a = 25  per fig. 2. 2. 8.3ms single half sine-wave, or equivalent square wave, duty cycle = 4 pulses per minute maximum. rating symbol value unit m aximum r atings a nd c haracteristics transient 9rowdjh6xssuhvvruv 15k( series meritek all specifications are subject to change without notice. 1 rev 7
p e part number r voltage min.@i t breakdown voltage max.@i t te s t current maximum clamping v peak pulse current reverse leakage @v rwm uni-polar bi-polar v rwm (v) v br min. (v) v br max. (v) i t (ma) v c (v) i pp (a) i r (a) 1.5ke6.8a 1.5ke6.8ca 5.80 6.45 7.14 10 10.5 144.8 1000 1.5ke7.5a 1.5ke7.5ca 6.40 7.13 7.88 10 11.3 134.5 500 1.5ke8.2a 1.5ke8.2ca 7.02 7.79 8.61 10 12.1 125.6 200 1.5ke9.1a 1.5ke9.1ca 7.78 8.65 9.50 1 13.4 113.4 50 1.5ke10a 1.5ke10ca 8.55 9.50 10.50 1 14.5 104.8 10 1.5ke11a 1.5ke11ca 9.40 10.50 11.60 1 15.6 97.4 5 1.5ke12a 1.5ke12ca 10.20 11.40 12.60 1 16.7 91.0 5 1.5ke13a 1.5ke13ca 11.10 12.40 13.70 1 18.2 83.5 1 1.5ke15a 1.5ke15ca 12.80 14.30 15.80 1 21.2 71.7 1 1.5ke16a 1.5ke16ca 13.60 15.20 16.80 1 22.5 67.6 1 1.5ke18a 1.5ke18ca 15.30 17.10 18.90 1 25.2 60.3 1 1.5ke20a 1.5ke20ca 17.10 19.00 21.00 1 27.7 54.9 1 1.5ke22a 1.5ke22ca 18.80 20.90 23.10 1 30.6 49.7 1 1.5ke24a 1.5ke24ca 20.50 22.80 25.20 1 33.2 45.8 1 1.5ke27a 1.5ke27ca 23.10 25.70 28.40 1 37.5 40.5 1 millimeters inches item max. l 25.40 - 1.000 - t 7.20 9.50 0.285 0.375 d 4.80 5.30 0.190 0.210 s 0.96 1.07 0.038 0.042 l lt d s dia. dia. do-201 min. min. max. reverse stand-off voltage breakdown v voltage @i pp p ackage d imensions s pecifications transient 9rowdjh6xssuhvvruv 15k( series meritek 2 rev 7
1.5ke30a 1.5ke30ca 25.60 28.50 31.50 1 41.4 36.7 1 1.5ke33a 1.5ke33ca 28.20 31.40 34.70 1 45.7 33.3 1 1.5ke36a 1.5ke36ca 30.80 34.20 37.80 1 49.9 30.5 1 1.5ke39a 1.5ke39ca 33.30 37.10 41.00 1 53.9 28.2 1 1.5ke43a 1.5ke43ca 36.80 40.90 45.20 1 59.3 25.6 1 1.5ke47a 1.5ke47ca 40.20 44.70 49.40 1 64.8 23.5 1 1.5ke51a 1.5ke51ca 43.60 48.50 53.60 1 70.1 21.7 1 1.5ke56a 1.5ke56ca 47.80 53.20 58.80 1 77.0 19.7 1 1.5ke62a 1.5ke62ca 53.00 58.90 65.10 1 85.0 17.9 1 1.5ke68a 1.5ke68ca 58.10 64.60 71.40 1 92.0 16.5 1 1.5ke75a 1.5ke75ca 64.10 71.30 78.80 1 103.0 14.8 1 1.5ke82a 1.5ke82ca 70.10 77.90 86.10 1 113.0 13.5 1 1.5ke91a 1.5ke91ca 77.80 86.50 95.50 1 125.0 12.2 1 1.5ke100a 1.5ke100ca 85.50 95.00 105.00 1 137.0 11.1 1 1.5ke110a 1.5ke110ca 94.00 105.00 116.00 1 152.0 10.0 1 1.5ke120a 1.5ke120ca 102.00 114.00 126.00 1 165.0 9.2 1 1.5ke130a 1.5ke130ca 111.00 124.00 137.00 1 179.0 8.5 1 1.5ke150a 1.5ke150ca 128.00 143.00 158.00 1 207.0 7.3 1 1.5ke160a 1.5ke160ca 136.00 152.00 168.00 1 219.0 6.9 1 1.5ke170a 1.5ke170ca 145.00 162.00 179.00 1 234.0 6.5 1 1.5ke180a 1.5ke180ca 154.00 171.00 189.00 1 246.0 6.2 1 1.5ke200a 1.5ke200ca 171.00 190.00 210.00 1 274.0 5.5 1 1.5ke220a 1.5ke220ca 185.00 209.00 231.00 1 328.0 4.6 1 1.5ke250a 1.5ke250ca 214.00 237.00 263.00 1 344.0 4.4 1 1.5ke300a 1.5ke300ca 256.00 285.00 315.00 1 414.0 3.7 1 1.5ke350a 1.5ke350ca 300.00 332.00 368.00 1 482.0 3.2 1 1.5ke400a 1.5ke400ca 342.00 380.00 420.00 1 548.0 2.8 1 1.5ke440a 1.5ke440ca 376.00 418.00 462.00 1 602.0 2.5 1 1.5ke480a 1.5ke480ca 408.00 456.00 504.00 1 658.0 2.3 1 1.5ke510a 1.5ke510ca 434.00 485.00 535.00 1 698.0 2.1 1 1.5ke530a 1.5ke530ca 450.00 503.50 556.50 1 725.0 2.1 1 1.5ke540a 1.5ke540ca 459.00 513.00 567.00 1 740.0 2.0 1 1.5ke550a 1.5ke550ca 467.00 522.50 577.50 1 760.0 2.0 1 note: for b idirectional type having v rwm of 10 volts and less, the i r limit double s. s pecifications part number voltage min.@i t breakdown voltage max.@i t te s t current maximum clamping peak pulse current reverse leakage @v rwm uni-polar bi-polar v rwm (v) v br min. (v) v br max. (v) i t (ma) v c (v) i pp (a) i r (a) reverse stand-off voltage breakdown voltage @i pp transient 9rowdjh6xssuhvvruv 15k( series meritek 3 rev 7
0.1 1 10 100 1000 0.000001 0.00001 0.0001 0.001 p ppm -peak pulse power (kw) t d -pulse width (sec.) i ppm - peak pulse current, % i rsm 0 0 50 100 150 1.0 2.0 3.0 4.0 t r =10sec peak value i ppm i ppm 2 t j =25c pulse width(td) is de?ned as the point where the peak current decays to 50% of i ppm 10/1000sec. waveform as de?ned by r.e.a t d t-time (ms) half value i ppm ( ) t a -ambient temperature (oc) peak pulse power (p pp ) or current (i pp ) derating in percentage % 0 25 50 75 100 125 150 175 200 100 75 50 25 0 1 10 100 1000 10000 100000 1.0 10.0 100.0 1000.0 cj (pf) tj=25c f=1.0mhz vsig=50mvp-p uni-directional v=0v bi-directional v=0v v br - reverse breakdown voltage (v) uni-directional @ v r bi-directional @ v r 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 0 25 50 75 100 125 150 175 200 steady state power dissipation (w) t l - lead temperature(oc) 0 20 40 60 80 100 120 140 160 180 200 1 10 100 number of cycles at 60 hz i fsm - peak forward surge current (a) figure 1 - peak pulse power rating curve figure 2 - pulse derating curve figure 3 - pulse waveform figure 4 - typical junction capacitance figure 5 - steady state power dissipation derating curve figure 6 - maximum non-repetitive forward surge current uni-directional only r ating and c haracteristic c urves  7 $ ?&81/(6627+(5:,6(63(&,),(' transient 9rowdjh6xssuhvvruv .( 6hulhv meritek 4 rev 7


▲Up To Search▲   

 
Price & Availability of 15KE540A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X